PART |
Description |
Maker |
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
FFPF30U60S FFPF30U60STU FFPF30U60STTU |
High voltage and high reliability ULTRA FAST RECOVERY POWER RECTIFIER 30A/600V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
BYT01-400 BYT01-400RL BYT01-40001 BYT01 |
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible HIGH EFFICIENCY ULTRAFAST DIODE FAST RECOVERY RECTIFIER DIODES FAST RECOVERY RECTIFIER DIODES
|
STMicroelectronics ST Microelectronics
|
SDHXX SDH25HF SDH25HFSMS SDH30HF SDH30HFSMS SDH40H |
0.6-1 AMPS HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER 0.6 A, SILICON, SIGNAL DIODE 0.6-1 AMPS HYPER FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc] Solid States Devices, Inc. Solid State Devices, Inc. Solid States Devices, I...
|
SRGPP3J |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
|
Gulf Semiconductor
|
1F1G 1F2G 1F3G 1F4G 1F5G 1F6G 1F7G |
Fast Recovery Pack: R-1 FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
BA157G BA158G BA159G |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
RU4AJG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
RU4AM |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
SHM80F SHM100F SHM20F SHM60F SHM140F SHM25F SHM40F |
FAST RECOVERY HIGH VOLTAGE RECTIFIER 50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER 0.1 A, 6000 V, SILICON, SIGNAL DIODE 50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER 0.15 A, 4000 V, SILICON, SIGNAL DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER RECTIFIER
|
Solid States Devices, Inc Solid State Devices, Inc. Solid States Devices, I...
|
HTDR-3 |
300 NANOSECOND AT HIGH TEMPERATURE- FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
|
Electronic devices inc.
|